PART |
Description |
Maker |
IRU1176CP IRU1176CPTR IRU1176CM IRU1176CMTR |
7.5A Adj LDO Linear Regulator in a ULTRA-THIN-PAK 7-Leads package 7.5A Adj LDO Linear Regulator in a TO-263 7-Leads package
|
International Rectifier
|
IRU1015CD IRU1015CDTR IRU1015CT |
1.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 1.5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package
|
International Rectifier
|
IRU1030CD IRU1030CM IRU1030CT IRU1030 IRU1030CDTR |
3A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
IRU1117-25CD IRUB1117-25 IRUB1117-25CD IRUB1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 800mA的低压差型正,固2.5V的稳压器 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp.
|
P4SMA75A P4SMA7.5CA P4SMA8.2A P4SMA480CA P4SMA7.5A |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 Single Output LDO, 250mA, Adj.(1.22 to 5.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
http:// Won-Top Electronics Co., Ltd. Littelfuse, Inc.
|
MSK5979HRHD MSK5979HRHS MSK5979HRHU MSK5979KRHD MS |
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
|
Anaren Microwave M.S. Kennedy Corporatio...
|
SC563 |
Dual Output 300mA LDO Linear Regulator
|
Semtech Corporation
|
SC561 |
Dual Output Low Noise LDO Linear Regulator
|
Semtech Corporation
|
AAT3242 |
300mA/150mA Dual CMOS LDO Linear Regulator
|
ANALOGIC TECH
|